Part Number Hot Search : 
KFG5616 2R06FP 74183 28C94 333J1000 M51516L PA0059 MAX17049
Product Description
Full Text Search
 

To Download P6KE440A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P6KE 6.8(C)A thru P6KE 440(C)A
600W Transient Voltage Suppressors
Feature:
* 600 Watt Peak Power Dissipation * Glass Passivated Die Construction * Excellent Clamping Capability Fast Response Time * High Temperat Soldering Guaranteed : 265 C/10 sec/.375." (9.5mm) Lead Length, 51bs., (2.3kg) Tension.
Peak Pulse Power 600 Watt Stand-off Voltage 6.8 To 440 VOLTS
Mechanical Data
* Case: JEDEC DO-15 molded Plastic. * Terminals: Axial Leads, Solderable per MIL-STD-750, Method 2026 * Polarity: Color Band Denotes Cathode Except Bipolar * Mounting Position: Any * Weight: 0.4grams(approx), 0.015ounce.
DO-15 (DO-204AC)
DO-15 Outline Dimensions Axial Device
A Dim DO-15 Min 25.4 Max Min 5.8
B Max 7.6 Min 0.71
C Max 0.86 Min 2.6
D Max 3.6
Maximum Ratings (TA =25 C Unless otherwise Noted)
Characteristics Peak Pulse Power Dissipation at T A =25 C, tp=1.0 ms (1) Steady State Power Dissipation at TL=75 C Lead Lengths .375"(9.5mm) (1) Peak Forward Surge Current 8.3ms Single Half Sine-Wave, Superimposed on Rated Load(JEDEC Method) (3) Operating and Storage Junction Temperature Range
_ _ _ _
Symbol
Value 600 5
Unit W W
P PPM P M(AV) I FSM
100
A
Tj, T STG
-55 to -175
C
NOTE: 1. Non-Repetitive Current Pulse, per Fig3 and Derated above TA=25 C per Fig2 2. Mounted on Copper Pads Area of 1.6 1.6"(40 40mm) per FIG.5. 3. 8.3ms Single Half Sine-Wave, or equivalent Square Wave, Duty Cycle=4 pulses per minutes Maximum.
WEITRON
http://www.weitron.com.tw
P6KE 6.8 (C)A thru P6KE 440(C)A
Electrical Characteristics
P6KE
PART NUMBER REVERSE BREAKDOWNBREAKDOWN MAXIMUM PEAK TEST STAND- OFF VOLTAGE VOLTAGE CLAMPING PULSE CURRENT VBR(V) VBR(V) VOLTAGE VOLTAGE CURRENT IT (mA) VRWM(V) @Ipp Vc(V) Ipp(A) MIN.@I T MAX.@IT 10.5 11.3 12.1 13.4 14.5 15.6 16.7 18.2 21.2 22.5 25.2 27.7 30.6 33.2 37.5 41.4 45.7 49.9 53.9 59.3 64.8 70.1 77.0 85.0 92.0 103.0 113.0 125.0 137.0 152.0 165.0 179.0 207.0 219.0 234.0 246.0 274.0 328.0 344.0 414.0 482.0 548.0 602.0 58.1 54.0 50.4 45.5 42.1 39.1 36.5 33.5 28.8 27.1 24.2 22.0 19.9 18.4 16.3 14.7 13.3 12.2 11.3 10.3 9.4 8.7 7.9 7.2 6.6 5.9 5.4 4.9 4.5 4.0 3.7 3.4 2.9 2.8 2.6 2.5 2.2 1.9 1.8 1.5 1.3 1.1 1.0 REVERSE LEAKAGE @V RWM IR(A) 1000 500 200 50 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
UNI-POLAR BI-POLAR P6KE6.8A P6KE6.8CA 5.80 6.45 7.14 10 P6KE7.5A P6KE7.5CA 6.40 7.13 7.88 10 P6KE8.2A P6KE8.2CA 7.02 7.79 8.61 10 P6KE9.1A P6KE9.1CA 7.78 8.65 9.55 1 P6KE10A P6KE10CA 8.55 9.50 10.50 1 P6KE11A P6KE11CA 9.40 10.50 11.60 1 P6KE12A P6KE12CA 10.20 11.40 12.60 1 P6KE13A P6KE13CA 11.10 12.40 13.70 1 P6KE15A P6KE15CA 12.80 14.30 15.80 1 P6KE16A P6KE16CA 13.60 15.20 16.80 1 P6KE18A P6KE18CA 15.30 17.10 18.90 1 P6KE20A P6KE20CA 17.10 19.00 21.00 1 P6KE22A P6KE22CA 18.80 20.90 23.10 1 P6KE24A P6KE24CA 20.50 22.80 25.20 1 P6KE27A P6KE27CA 23.10 25.70 28.40 1 P6KE30A P6KE30CA 25.60 28.50 31.50 1 P6KE33A P6KE33CA 28.20 31.40 34.70 1 P6KE36A P6KE36CA 30.80 34.20 37.80 1 P6KE39A P6KE39CA 33.30 37.10 41.00 1 P6KE43A P6KE43CA 36.80 40.90 45.20 1 P6KE47A P6KE47CA 40.20 44.70 49.40 1 P6KE51A P6KE51CA 43.60 48.50 53.60 1 P6KE56A P6KE56CA 47.80 53.20 58.80 1 P6KE62A P6KE62CA 53.00 58.90 65.10 1 P6KE68A P6KE68CA 58.10 64.60 71.40 1 P6KE75A P6KE75CA 64.10 71.30 78.80 1 P6KE82A P6KE82CA 70.10 77.90 86.10 1 P6KE91A P6KE91CA 77.80 86.50 95.50 1 P6KE100A P6KE100CA 85.50 95.00 105.00 1 P6KE110A P6KE110CA 94.00 105.00 116.00 1 P6KE120A P6KE120CA 102.00 114.00 126.00 1 P6KE130A P6KE130CA 111.00 124.00 137.00 1 P6KE150A P6KE150CA 128.00 143.00 158.00 1 P6KE160A P6KE160CA 136.00 152.00 168.00 1 P6KE170A P6KE170CA 145.00 162.00 179.00 1 P6KE180A P6KE180CA 154.00 171.00 189.00 1 P6KE200A P6KE200CA 171.00 190.00 210.00 1 P6KE220A P6KE220CA 185.00 209.00 231.00 1 P6KE250A P6KE250CA 214.00 237.00 263.00 1 P6KE300A P6KE300CA 256.00 285.00 315.00 1 P6KE350A P6KE350CA 300.00 332.00 368.00 1 P6KE400A P6KE400CA 342.00 380.00 420.00 1 P6KE440A P6KE440CA 376.00 418.00 462.00 1 For bidirectional type having Vrwm of 10 volts and less, the IR limit is double. For parts without A , the VBR is + 10%
WEITRON
http://www.weitron.com.tw
P6KE 6.8 (C)A thru P6KE 440 (C)A
PEAK PULSE POWER (Ppp) or CURRENT (IPPM) DERATING IN PERCENTAGE, %
FIG.1- PEAK PULSE POWER RATING CURVE
PPPM, PEAK PULSE POWER, (KW)
100 NON-REPETITIVE PULSE WAVEFORM SHOWN in FIG.3 TA=25 C
FIG.2- PULSE DERATING CURVE
100
75
10
50
1.0
25
0.1 0.1 s
s
s
s
1.0ms
10ms
0 0 25 50 75 100 125
o
150
175
200
t d , PULSE WIDTH, (sec).
TA, AMBIENT TEMPERATURE, ( C)
FIG.3- PULSE WAVEFORM
PEAK PULSE CURRENT - %
tr=10 u sec. PEAK VALUE lPPM
PULSE WIDTH (td) is DEFINED as the POINT WHERE the PEAK CURRENT DECAYS to 50% of lPPM
CJ, JUNCTION CAPACITANCE.(pF)
150
6,000
FIG.4- TYPICAL JUNCTION CAPACITANCE UNIDIRECTIONAL
MEASURED at ZERO BIAS
Tj=25 C f=1.0MHz Vsig=50mVp-p
o oo
100
50
HALF VALUE- lPPM 2 10/1000 sec. WAVEFORM as DEFINED by R.E.A.
1,000
MEASURED at STAND-OFF VOLTAGE, VWM
0 0
td
1.0
2.0 t, TIME, ms
3.0
4.0
100
1.0
10 V(BR), BREAKDOWN VOLTAGE. (VOLTS)
100
200
PM(AV), STEADY STATE POWER DISSIPATION, (W ATTS)
5.0
L=0.375"(9.5mm) LEAD LENGTHS 60Hz RESISTIVE OR INDUCTIVE LOAD
lFSM, PEAK FORWARD SURGE CURRENT, (AMPERES)
FIG.5- STEADY STATE POWER DERATING CURVE
200
FIG.6- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT UNIDIRECTIONAL ONLY
Tj=Tj max 8.3ms Single Half Sine Wave (JEDEC Method)
3.75
100
2.5
1.6 X 1.6 X .040" (40 X 40 X 1mm.) COPPER HEAT SINKS
1.25
0
10 1 10 NUMBER OF CYCLES AT 60Hz
0
25
50
75
100
125
o
150
175
200
100
TL, LEAD TEMPERATURE, ( C)
lD, INSTANTANEOUS REVERSE LEAKAGE CURRENT, (MICROAMPERES)
FIG.7- TYPICAL REVERSE LEAKAGECHARACTERASTICS
TRANSIENT THERMAL IMPEDANCE ( C/W) 100
FIG.8 - TYP. TRANSIENT THERMAL IMPEDANCE
1,000 100 10 1 0.1 0.01 MEASURED AT DEVICES STAND-OFF VOLTAGE, VWM o TA =25 C
10
o
1
TA=25 C 0 100 200 300 400 500
o
0.001
0.1 0 0.2 0.4 0.6 0.8 1 1.2
V(BR), BREAKDOWN VOLTAGE. (VOLTS)
tp-PULSE DURATION(SEC)
WEITRON
http://www.weitron.com.tw


▲Up To Search▲   

 
Price & Availability of P6KE440A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X